PART |
Description |
Maker |
A67P9318E-4.2F A67P8336 A67P8336E A67P8336E-2.6 A6 |
DIODE ZENER SINGLE 500mW 5.6Vz 20mA-Izt 0.05 5uA-Ir 3Vr DO35-GLASS 5K/AMMO 512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM 12k × 1856 × 36 LVTTL,流水线ZeBL的SRAM GIGABASE 350 CAT5E PATCH 5 FT, SNAGLESS, WHITE 12k × 1856 × 36 LVTTL,流水线ZeBL的SRAM 512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM 512k × 1856 × 36 LVTTL,流水线ZeBL的SRAM 512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM 12k × 18256 × 36 LVTTL,流水线ZeBL的SRAM
|
AMICC[AMIC Technology] AMIC Technology Corporation AMIC Technology, Corp.
|
KM432S2030CT-G7 KM432S2030CT-F10 KM432S2030CT-G6 K |
2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL 200万32内存12k × 32 × 4银行同步DRAM LVTTL
|
SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
KM416S1120D KM416S1120DT-G_F10 KM416S1120DT-G_F6 K |
512K x 16bit x 2 Banks Synchronous DRAM LVTTL
|
ETC[ETC] Samsung semiconductor
|
MC100EPT24 |
3.3V LVTTL/LVCMOS to Differential LVECL Translator(3.3V LVTTL/LVCMOS到差分LVECL转换 3.3V的LVTTL /差分LVECL翻译LVCMOS电压.3V LVTTL /LVCMOS到差分LVECL转换器)
|
ON Semiconductor
|
K4S281632D K4S281632D-L1H K4S281632D-L1L K4S281632 |
128Mb SDRAM, 3.3V, LVTTL, 133MHz 128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL 128Mbit SDRAM00万16 × 4银行同步DRAM LVTTL RF CONNECTOR; 1.6/5.6 PLUG, CRIMP ATTACHMENT FOR RG179 & RG187 ; Current Rating:30mA; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No 128Mb SDRAM, 3.3V, LVTTL, 166MHz 128Mb SDRAM, 3.3V, LVTTL, 183MHz
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Electronic SAMSUNG[Samsung semiconductor]
|
A67P93361E-8.5 A67P06181E A67P06181E-6.5 A67P06181 |
CONNECTOR ACCESSORY 连接器附 D8 - BACKSHELL NON-ENVIRON EMI-RFI STRT 1M X 18, 512K X 36 LVTTL, Flow-through ZeBL SRAM
|
AMIC Technology, Corp. AMIC Technology Corporation AMICC[AMIC Technology]
|
SST28VF040A-90-4C-PH SST28SF040A-90-4C-PH SST28SF0 |
4 Mbit (512K x8) SuperFlash EEPROM(4 M(512K x8)超级闪存存储 RESISTOR 62 OHM .5W CARB COMP 4 Mbit (512K x8) SuperFlash EEPROM 4兆位(为512k × 8)超快闪EEPROM 4 Mbit (512K x8) SuperFlash EEPROM 512K X 8 FLASH 2.7V PROM, 200 ns, PQCC32 4 Mbit (512K x8) SuperFlash EEPROM 512K X 8 FLASH 2.7V PROM, 200 ns, PDSO32 (SST28xF040A) 4 Mbit (512K x8) SuperFlash EEPROM
|
Silicon Storage Technology, Inc. SILICON STORAGE TECHNOLOGY INC
|
KM416S8030BN-G/FH KM416S8030BN-G/FL |
128Mb SDRAM Shrink TSOP 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL 128MbSDRAM的收缩的TSOP 200万16 × 4银行同步DRAM LVTTL
|
SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
74ACT825 74ACT825SPC 74ACT825MTC 74ACT825SC 74ACT8 |
8-Bit D-Type Flip-Flop 8-Bit LVTTL-GTLP Adjustable-Edge-Rate Registered Transceiver with Split LVTTL Port and Feedback Path 48-TSSOP -40 to 85 Octal D-Type Flip-Flop Two 1-Bit LVTTL/GTLP Adj-Edge-Rate Bus Xcvrs w Split LVTTL Port, Fdbk Path and Selectable Polarity 20-TSSOP -40 to 85
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
HM5212165F HM5212805FLTD-B60 |
128M LVTTL interface SDRAM(128M LVTTL 接口同步DRAM) 128MLVTTL接口的SDRAM28MLVTTL接口同步的DRAM SYNCHRONOUS DRAM, PDSO54
|
Fairchild Semiconductor, Corp.
|
K4S640432D-TC_L80 K4S640432D K4S640432D-TC_L10 K4S |
64Mbit SDRAM 4M x 4Bit x 4 Banks Synchronous DRAM LVTTL 64Mbit SDRAM米4位4银行同步DRAM LVTTL
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
K4S560432A K4S560432A-TC_L75 K4S560432A-TC_L80 K4S |
256Mbit SDRAM 16M x 4bit x 4 Banks Synchronous DRAM LVTTL 56Mbit SDRAM16米x 4位4银行同步DRAM LVTTL 256Mbit SDRAM 16M x 4bit x 4 Banks Synchronous DRAM LVTTL 56Mbit SDRAM6米x 4位4银行同步DRAM LVTTL
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|